Part Number Hot Search : 
5KP110A EQ161 LN333009 74ALVC 2FTB6V G6402 3014BSR3 A82389
Product Description
Full Text Search
 

To Download LT1124A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LT1124/LT1125 Dual/Quad Low Noise, High Speed Precision Op Amps DESCRIPTIO
The LT(R)1124 dual and LT1125 quad are high performance op amps that offer higher gain, slew rate and bandwidth than the industry standard OP-27 and competing OP-270/ OP-470 op amps. In addition, the LT1124/LT1125 have lower IB and IOS than the OP-27; lower VOS and noise than the OP-270/OP-470. In the design, processing and testing of the device, particular attention has been paid to the optimization of the entire distribution of several key parameters. Slew rate, gain bandwidth and 1kHz noise are 100% tested for each individual amplifier. Consequently, the specifications of even the lowest cost grades (the LT1124C and the LT1125C) have been spectacularly improved compared to equivalent grades of competing amplifiers. Power consumption of the LT1124 is one half of two OP-27s. Low power and high performance in an 8-pin SO package make the LT1124 a first choice for surface mounted systems and where board space is restricted. For a decompensated version of these devices, with three times higher slew rate and bandwidth, please see the LT1126/LT1127 data sheet.
FEATURES
s s s s
s s s s s
100% Tested Low Voltage Noise: 2.7nV/Hz Typ 4.2nV/Hz Max Slew Rate: 4.5V/s Typ Gain Bandwidth Product: 12.5MHz Typ Offset Voltage, Prime Grade: 70V Max Low Grade: 100V Max High Voltage Gain: 5 Million Min Supply Current Per Amplifier: 2.75mA Max Common Mode Rejection: 112dB Min Power Supply Rejection: 116dB Min Available in 8-Pin SO Package
APPLICATIO S
s s s s s s s s
Two and Three Op Amp Instrumentation Amplifiers Low Noise Signal Processing Active Filters Microvolt Accuracy Threshold Detection Strain Gauge Amplifiers Direct Coupled Audio Gain Stages Tape Head Preamplifiers Infrared Detectors
, LTC and LT are registered trademarks of Linear Technology Corporation. Protected by U.S. patents 4,775,884 and 4,837,496.
TYPICAL APPLICATIO
3
Instrumentation Amplifier with Shield Driver
+
1/4 LT1125 1
1k RF 3.4k 5
30k
Input Offset Voltage Distribution (All Packages, LT1124 and LT1125)
VS = 15V TA = 25C 758 DUALS 200 QUADS 2316 UNITS TESTED
2
-
15V
30
GUARD
INPUT
+ -
GUARD
+
8 1/4 LT1125
10
OUTPUT 30k
6 RG 100
-
PERCENT OF UNITS
RG 100
+
4 1/4 LT1125 11 -15V 7
20
-
9
10
13
-
1/4 LT1125
14
RF 3.4k 1k
GAIN = 30 (1 + RF/RG) 1000 POWER BW = 170kHz SMALL-SIGNAL BW = 400kHz NOISE = 3.8V/Hz AT OUTPUT VOS = 35V
0 -100
12
+
1124/25 TA01
U
U
U
20 60 - 60 - 20 INPUT OFFSET VOLTAGE (V)
100
1124/25 TA02
1
LT1124/LT1125 ABSOLUTE AXI U RATI GS (Note 1)
Operating Temperature Range LT1124AC/LT1124C LT1125AC/LT1125C (Note 10) .......... - 40C to 85C LT1124AI/LT1124I ............................ - 40C to 85C LT1124AM/LT1124M LT1125AM/LT1125M ...................... - 55C to 125C Supply Voltage ..................................................... 22V Input Voltages ......................... Equal to Supply Voltage Output Short-Circuit Duration ......................... Indefinite Differential Input Current (Note 6) ..................... 25mA Lead Temperature (Soldering, 10 sec)................. 300C Storage Temperature Range ................ - 65C to 150C
PACKAGE/ORDER I FOR ATIO
TOP VIEW +IN A 1 V- 2 +IN B 3 B -IN B 4 5 OUT B A 8 7 6 -IN A OUT A V+
ORDER PART NUMBER LT1124CS8 LT1124AIS8 LT1124IS8 S8 PART MARKING 1124 1124AI 1124I LT1125CS
OUT A -IN A +IN A V+ +IN B -IN B OUT B 1 2 3 4 5 6 7
OUT A 1 -IN A 2 +IN A 3 V
-
S8 PACKAGE 8-LEAD PLASTIC SO TJMAX = 140C, JA = 190C
NOTE: THIS PIN CONFIGURATION DIFFERS FROM THE 8-PIN PDIP CONFIGURATION. INSTEAD, IT FOLLOWS THE INDUSTRY STANDARD LT1013DS8 SO PACKAGE PIN LOCATIONS TOP VIEW OUT A 1 A D 16 OUT D 15 -IN D 14 +IN D 13 V - B C 12 +IN C 11 -IN C 10 OUT C 9 NC
-IN A 2 +IN A 3 V+ 4 +IN B 5 -IN B 6 OUT B 7 NC 8
SW PACKAGE 16-LEAD PLASTIC (WIDE) SO TJMAX = 140C, JA = 130C
ELECTRICAL CHARACTERISTICS
SYMBOL VOS VOS Time IOS PARAMETER Input Offset Voltage Long Term Input Offset Voltage Stability Input Offset Current LT1124 LT1125 LT1124 LT1125
TA = 25C, VS = 15V, unless otherwise noted.
LT1124AC/AI/AM LT1125AC/AM MIN TYP MAX 20 25 0.3 5 6 15 20 70 90 LT1124/C/I/M LT1125/C/M MIN TYP MAX 25 30 0.3 6 7 20 30 100 140
CONDITIONS (Note 2)
2
U
U
W
WW
U
W
TOP VIEW 8 A B 4 5 7 6 V+ OUT B -IN B +IN B
ORDER PART NUMBER LT1124CJ8 LT1124ACN8 LT1124CN8 LT1124AMJ8 LT1124MJ8
J8 PACKAGE 8-LEAD CERDIP
N8 PACKAGE 8-LEAD PDIP
TJMAX = 160C, JA = 100C (J8) TJMAX = 140C, JA = 130C (N8)
TOP VIEW 14 OUT D A D 13 -IN D 12 +IN D 11 V - B C 10 +IN C 9 8 -IN C OUT C
LT1125CJ LT1125ACN LT1125CN LT1125AMJ LT1125MJ
J PACKAGE N PACKAGE 14-LEAD CERDIP 14-LEAD PDIP
TJMAX = 160C, JA = 80C (J) TJMAX = 140C, JA = 110C (N)
UNITS V V V/Mo nA nA
LT1124/LT1125
ELECTRICAL CHARACTERISTICS
SYMBOL IB en PARAMETER Input Bias Current Input Noise Voltage Input Noise Voltage Density in VCM CMRR PSRR AVOL VOUT SR GBW ZO IS Input Noise Current Density Input Voltage Range Common Mode Rejection Ratio Power Supply Rejection Ratio Large-Signal Voltage Gain Maximum Output Voltage Swing Slew Rate Gain Bandwidth Product Open-Loop Output Resistance Supply Current per Amplifier Channel Separation f 10Hz (Note 9) VOUT = 10V, RL = 2k 134 VCM = 12V VS = 4V to 18V RL 10k, VOUT = 10V RL 2k, VOUT = 10V RL 2k RL 2k (Notes 3, 7) fO = 100kHz (Note 3) VOUT = 0, IOUT = 0 0.1Hz to 10Hz (Notes 8, 9) fO = 10Hz (Note 4) fO = 1000Hz (Note 3) fO = 10Hz fO = 1000Hz 12 112 116 5 2 13 3 9
TA = 25C, VS = 15V, unless otherwise noted.
LT1124AC/AI/AM LT1125AC/AM MIN TYP MAX 7 70 3.0 2.7 1.3 0.3 12.8 126 126 17 4 13.8 4.5 12.5 75 2.3 150 2.75 130 12 106 110 3.0 1.5 12.5 2.7 8 20 200 5.5 4.2 LT1124C/I/M LT1125C/M MIN TYP MAX 8 70 3.0 2.7 1.3 0.3 12.8 124 124 15 3 13.8 4.5 12.5 75 2.3 150 2.75 5.5 4.2 30
CONDITIONS (Note 2)
UNITS nA nVP-P nV/Hz nV/Hz pA/Hz pA/Hz V dB dB V/V V/V V V/s MHz mA dB
The q denotes the specifications which apply over the -55C TA 125C temperature range, VS = 15V, unless otherwise noted.
LT1124AM LT1125AM MIN TYP MAX
q q q q q q q
SYMBOL VOS VOS Temp IOS IB VCM CMRR PSRR AVOL VOUT SR IS
PARAMETER Input Offset Voltage Average Input Offset Voltage Drift Input Offset Current Input Bias Current Input Voltage Range Common Mode Rejection Ratio Power Supply Rejection Ratio Large-Signal Voltage Gain Maximum Output Voltage Swing Slew Rate Supply Current per Amplifier
CONDITIONS (Note 2) LT1124 LT1125 (Note 5) LT1124 LT1125
LT1124M LT1125M MIN TYP MAX 60 70 0.4 20 20 20 11.3 100 104 2.0 0.7 12 2 12 120 120 10 2 13.6 3.8 2.5 3.25 250 290 1.5 60 70 70
UNITS V V V/C nA nA nA V dB dB V/V V/V V V/s mA
50 55 0.3 18 18 18 11.3 106 110 3 1 12.5 2.3 12 122 122 10 3 13.6 3.8 2.5
170 190 1.0 45 55 55
VCM = 11.3V VS = 4V to 18V RL 10k, VOUT = 10V RL 2k, VOUT = 10V RL 2k RL 2k (Notes 3, 7)
q q q q q q q
3.25
3
LT1124/LT1125
temperature range, VS = 15V, unless otherwise noted.
SYMBOL VOS VOS Temp IOS IB VCM CMRR PSRR AVOL VOUT SR IS PARAMETER Input Offset Voltage Average Input Offset Voltage Drift Input Offset Current Input Bias Current Input Voltage Range Common Mode Rejection Ratio Power Supply Rejection Ratio Large-Signal Voltage Gain Maximum Output Voltage Swing Slew Rate Supply Current per Amplifier
ELECTRICAL CHARACTERISTICS
The q denotes the specifications which apply over the 0C TA 70C
LT1124AC LT1125AC MIN TYP MAX 35 120 40 140 0.3 1 6 7 8 12.4 125 125 15 3.5 13.7 4 2.4 25 35 35 11.5 102 107 2.5 1.0 12 2.4 3 LT1124C LT1125C MIN TYP MAX 45 170 50 210 0.4 1.5 7 8 9 12.4 122 122 14 2.5 13.7 4 2.4 35 45 45
CONDITIONS (Note 2) LT1124 LT1125 (Note 5) LT1124 LT1125
q q q q q q q
UNITS V V V/C nA nA nA V dB dB V/V V/V V V/s mA
VCM = 11.5V VS = 4V to 18V RL 10k, VOUT = 10V RL 2k, VOUT = 10V RL 2k RL 2k (Notes 3, 7)
q q q q q q q
11.5 109 112 4.0 1.5 12.5 2.6
3
The q denotes the specifications which apply over the -40C TA 85C temperature range, VS = 15V, unless otherwise noted. (Note 10)
LT1124AC/AI LT1125AC MIN TYP MAX 40 140 45 160 0.3 1 15 15 15 12.2 124 124 12 3.2 13.6 3.9 2.4 40 50 50 11.4 101 106 2.2 0.8 12 2.1 3.25 LT1124C/I LT1125C MIN TYP 50 55 0.4 17 17 17 12.2 121 121 12 2.3 13.6 3.9 2.4
SYMBOL VOS VOS Temp IOS IB VCM CMRR PSRR AVOL VOUT SR IS
PARAMETER Input Offset Voltage Average Input Offset Voltage Drift Input Offset Current Input Bias Current Input Voltage Range Common Mode Rejection Ratio Power Supply Rejection Ratio Large-Signal Voltage Gain Maximum Output Voltage Swing Slew Rate Supply Current per Amplifier
CONDITIONS (Note 2) LT1124 LT1125 (Note 5) LT1124 LT1125
q q q q q q q
MAX 200 240 1.5 55 65 65
UNITS V V V/C nA nA nA V dB dB V/V V/V V V/s mA
VCM = 11.4V VS = 4V to 18V RL 10k, VOUT = 10V RL 2k, VOUT = 10V RL 2k RL 2k (Notes 3, 7)
q q q q q q q
11.4 107 111 3.5 1.2 12.5 2.4
3.25
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Note 2: Typical parameters are defined as the 60% yield of parameter distributions of individual amplifiers; i.e., out of 100 LT1125s (or 100 LT1124s) typically 240 op amps (or 120) will be better than the indicated specification. Note 3: This parameter is 100% tested for each individual amplifier. Note 4: This parameter is sample tested only. Note 5: This parameter is not 100% tested. Note 6: The inputs are protected by back-to-back diodes. Current limiting resistors are not used in order to achieve low noise. If differential input voltage exceeds 1.4V, the input current should be limited to 25mA.
Note 7: Slew rate is measured in AV = -1; input signal is 7.5V, output measured at 2.5V. Note 8: 0.1Hz to 10Hz noise can be inferred from the 10Hz noise voltage density test. See the test circuit and frequency response curve for 0.1Hz to 10Hz tester in the Applications Information section of the LT1007 or LT1028 data sheets. Note 9: This parameter is guaranteed but not tested. Note 10: The LT1124C/LT1125C and LT1124AC/LT1125AC are guaranteed to meet specified performance from 0C to 70C and are designed, characterized and expected to meet these extended temperature limits, but are not tested at -40C and 85C. The LT1124AI and LT1124I are guaranteed to meet the extended temperature limits.
4
LT1124/LT1125
TYPICAL PERFOR A CE CHARACTERISTICS
0.1Hz to 10Hz Voltage Noise 0.01Hz to 1Hz Voltage Noise
100 RMS VOLTAGE NOISE DENSITY (nV/Hz)
VOLTAGE NOISE (40nV/DIV)
VOLTAGE NOISE (40nV/DIV)
0
2
4 6 TIME (SECONDS)
Current Noise vs Frequency
10.0
RMS CURRENT NOISE DENSITY (pA/Hz)
INPUT BIAS OR OFFSET CURRENT (nA)
SOURCING
VS = 15V TA = 25C
SHORT-CIRCUIT CURRENT (mA)
3.0
1.0 MAXIMUM 0.3 1/f CORNER 100Hz 0.1 10 100 1k FREQUENCY (Hz) 10k
1124 G04
SINKING
TYPICAL
Input Bias Current Over the Common Mode Range
COMMON MODE REJECTION RATIO (dB) VS = 15V 15 TA = 25C 20 160 140 120 100 80 60 40 20 0
POWER SUPPLY REJECTION RATIO (dB)
INPUT BIAS CURRENT (nA)
10 5 0 -5 - 10 -15 -20 -15 -10 -5 5 10 0 COMMON MODE INPUT VOLTAGE (V) 15 DEVICE WITH NEGATIVE INPUT CURRENT DEVICE WITH POSITIVE INPUT CURRENT
UW
8 10
1124/25 G01
1124/25 G07
Voltage Noise vs Frequency
VS = 15V TA = 25C
30
10 MAXIMUM 3 1/f CORNER 2.3Hz 1 0.1 1.0 TYPICAL
0
20
40 60 TIME (SECONDS)
80
100
10 100 FREQUENCY (Hz)
1000
1124/25 G03
1124/25 G02
Input Bias or Offset Current vs Temperature
30 VS = 15V 50 40 30 20 10 0 -10 -20 -30 -40 -50
Output Short-Circuit Current vs Time
VS = 15V 25C - 55C 125C
20
10
125C 25C -55C 1 0 2 3 4 TIME FROM OUTPUT SHORT TO GND (MINUTES)
LT1124 G06
LT1124M/LT1125M
LT1124AM/LT1125AM 0 -75 -50 -25 0 25 50 75 TEMPERATURE (C) 100 125
1124/25 G05
Common Mode Rejection Ratio vs Frequency
TA = 25C VS = 15V VCM = 10V 160 140 120 100 80
Power Supply Rejection Ratio vs Frequency
TA = 25C
- PSRR 60 +PSRR 40 20 0 102 103 104 105 106 FREQUENCY (Hz) 107 108
1124/25 G09
1k
10k
100k 1M FREQUENCY (Hz)
10M
1124/25 G08
1
10
5
LT1124/LT1125
TYPICAL PERFOR A CE CHARACTERISTICS
Voltage Gain vs Frequency
180 VS = 15V TA = 25C
VOLTAGE GAIN (V/ V)
140
VOLTAGE GAIN (dB)
VOLTAEG GAIN (dB)
100
60
20
- 20 0.01
1
100 10k FREQUENCY (Hz)
Input Offset Voltage Drift Distribution
40 VS = 15V 50 200 N8 100 S8 96 J8 396 UNITS TESTED 40 30
SUPPLY CURRENT PER AMPLIFIER (mA)
OFFSET VOLTAGE (V)
30
PERCENT OF UNITS
20
10
0 -0.4 0 -0.8 0.4 0.8 INPUT OFFSET VOLTAGE DRIFT (V/C)
1124/25 G13
Small-Signal Transient Response
OUTPUT VOLTAGE SWING (V)
50mV
0
- 50mV
AVCL = +1 VS = 15V or 5V CL = 15pF
6
UW
1M
1124/25 G10 1124/25 G16
Voltage Gain vs Temperature
20 18 16 14 12 10 8 6 4 2 100M LT1124M/LT1125M -10 100 125
1124/25 G11
Gain, Phase Shift vs Frequency
50 VS = 15V TA = 25C CL = 10pF 80 100
LT1124AM/LT1125AM 40 RL = 10k LT1124M/LT1125M VS = 15V VOUT = 10V RL = 2k 30 20 10 0 GAIN O
PHASE SHIFT (DEGREES)
120 140 160 180 200 100
1124/25 G12
LT1124AM/LT1125AM
0 -75 -50 -25 0 25 50 75 TEMPERATURE (C)
0.1
1 10 FREQUENCY (MHz)
Offset Voltage Drift with Temperature of Representative Units
VS = 15V 3
Supply Current vs Supply Voltage
125C 25C 2 -55C
20 10 0 -10 -20 -30 -40 -50 -50 -25 75 0 25 50 TEMPERATURE (C) 100 125
1
0 0
5 10 15 SUPPLY VOLTAGE (V)
20
1124/25 G15
1124/25 G14
Large-Signal Transient Response
V + -0.8 -1.0 10V -1.2 -1.4 -1.6
Output Voltage Swing vs Load Current
VS = 3V TO 18V 125C 25C -55C
0
- 10V
1.2 1.0 0.8 0.6 125C -55C 25C
AVCL = -1 VS = 15V
1124/25 G17
V - 0.4 -10 -8 -6 -4 -2 0 2 4 6 8 10 ISINK ISOURCE OUTPUT CURRENT (mA)
1124/25 G18
LT1124/LT1125
TYPICAL PERFOR A CE CHARACTERISTICS
V + -0.5 -1.0
Common Mode Limit vs Temperature
180 160
CHANNEL SEPARATION (dB) V + = 3V TO 18V
-1.5 -2.0 -2.5
CHANGE IN OFFSET VOLTAGE (V)
COMMON MODE LIMIT (V) REFERRED TO POWER SUPPLY
2.5 2.0 1.5 1.0
V - = -3V TO -18V
V - 0.5 -60
-20
20 60 100 TEMPERATURE (C)
Total Harmonic Distortion and Noise vs Frequency for Noninverting Gain
TOTAL HARMONIC DISTORTION + NOISE (%)
TOTAL HARMONIC DISTORTION + NOISE (%)
TOTAL HARMONIC DISTORTION + NOISE (%)
0.1
0.010
ZL = 2k/15pF VO = 20VP-P AV = +1, +10, +100 MEASUREMENT BANDWIDTH = 10Hz TO 80kHz AV = +100 AV = +10
0.001 AV = +1
0.0001 20
100
1k FREQUENCY (Hz)
Total Harmonic Distortion and Noise vs Output Amplitude for Noninverting Gain
TOTAL HARMONIC DISTORTION + NOISE (%)
ZL = 2k/15pF fO = 1kHz AV = +1, +10, +100 0.1 MEASUREMENT BANDWIDTH = 10Hz TO 22kHz AV = +100 0.010 AV = +10 0.001
TOTAL HARMONIC DISTORTION + NOISE (%)
1
INTERMODULATION DISTORTION (IMD)(%)
AV = +1
0.0001 0.3
1
10 OUTPUT SWING (VP-P)
*See LT1115 data sheet for definition of CCIF testing
UW
1124/25 G22 1124/25 G25
Channel Separation vs Frequency
10 LIMITED BY THERMAL INTERACTION
Warm-Up Drift
VS = 15V TA = 25C SO PACKAGE 6
140 120 100 80 60 40 20 0 VS = 15V RL = 2k VOUT = 7VP-P TA = 25C LIMITED BY PIN TO PIN CAPACITANCE
8
4
N, J PACKAGES
2
0 0 100 1k 10k 100k FREQUENCY (Hz) 1M 10M 0 4 1 2 3 TIME AFTER POWER ON (MINUTES) 5
140
1124/25 G19
1124/25 G20
1124/25 G21
Total Harmonic Distortion and Noise vs Frequency for Inverting Gain
0.1 0.1 ZL = 2k/15pF VO = 20Vp-p AV = -1, -10, -100 MEASUREMENT BANDWIDTH = 10Hz TO 80kHz
Total Harmonic Distortion and Noise vs Frequency for Competitive Devices
ZL = 2k/15pF VO = 20Vp-p AV = -10 MEASUREMENT BANDWIDTH = 10Hz TO 80kHz
0.010
0.010
AV = -100 0.001 AV = -10 AV = -1
OP270 OP27 0.001 LT1124
10k 20k
0.0001 20
100
1k FREQUENCY (Hz)
10k 20k
1124/25 G23
0.0001 20
100
1k FREQUENCY (Hz)
10k 20k
1124/25 G24
Total Harmonic Distortion and Noise vs Output Amplitude for Inverting Gain
ZL = 2k/15pF fO = 1kHz AV = -1, -10, -100 0.1 MEASUREMENT BANDWIDTH = 10Hz TO 22kHz 1
0.010
Intermodulation Distortion (CCIF Method)* vs Frequency LT1124 and OP270
ZL = 2k/15pF f (IM) = 1kHz fO = 13.5kHz VO = 20Vp-p AV = -10 MEASUREMENT BANDWIDTH = 10Hz TO 80kHz
0.010
AV = -100 AV = -10
0.001
OP270
0.001
AV = -1
LT1124
30
0.0001 0.3
1
10 OUTPUT SWING (Vp-p)
30
1124/25 G26
0.0001 3k
10k FREQUENCY (Hz)
20k
1124/25 G27
7
LT1124/LT1125
APPLICATI S I FOR ATIO
The LT1124 may be inserted directly into OP-270 sockets. The LT1125 plugs into OP-470 sockets. Of course, all standard dual and quad bipolar op amps can also be replaced by these devices. Matching Specifications In many applications the performance of a system depends on the matching between two op amps, rather than the individual characteristics of the two devices. The three op amp instrumentation amplifier configuration shown in this data sheet is an example. Matching characteristics are not 100% tested on the LT1124/LT1125. Some specifications are guaranteed by definition. For example, 70V maximum offset voltage implies that mismatch cannot be more than 140V. 112dB (= 2.5V/V) CMRR means that worst case CMRR match is 106dB
50k* 15V
100*
50k*
VOUT = 1000VOS *RESISTORS MUST HAVE LOW THERMOELECTRIC POTENTIAL
Figure 1. Test Circuit for Offset Voltage and Offset Voltage Drift with Temperature
Table 1. Expected Match
LT1124AC/AM LT1125AC/AM PARAMETER VOS Match, VOS LT1124 LT1125 Temperature Coefficient Match Average Noninverting IB Match of Noninverting IB CMRR Match PSRR Match 50% YIELD 20 30 0.35 6 7 126 127 98% YIELD 110 150 1.0 18 22 115 118 50% YIELD 30 50 0.5 7 8 123 127 LT1124C/M LT1125C/M 98% YIELD 130 180 1.5 25 30 112 114 UNITS V V V/C nA nA dB dB
8
U
(5V/V). However, Table 1 can be used to estimate the expected matching performance between the two sides of the LT1124, and between amplifiers A and D, and between amplifiers B and C of the LT1125. Offset Voltage and Drift Thermocouple effects, caused by temperature gradients across dissimilar metals at the contacts to the input terminals, can exceed the inherent drift of the amplifier unless proper care is exercised. Air currents should be minimized, package leads should be short, the two input leads should be close together and maintained at the same temperature. The circuit shown in Figure 1 to measure offset voltage is also used as the burn-in configuration for the LT1124/ LT1125, with the supply voltages increased to 16V.
-
VOUT
W
U
UO
+
-15V
1124/25 F01
LT1124/LT1125
APPLICATI S I FOR ATIO
High Speed Operation When the feedback around the op amp is resistive (RF), a pole will be created with RF, the source resistance and capacitance (RS, CS), and the amplifier input capacitance (CIN 2pF). In low closed loop gain configurations and with RS and RF in the kilohm range, this pole can create excess phase shift and even oscillation. A small capacitor (CF) in parallel with RF eliminates this problem (see Figure 2). With RS (CS + CIN) = RF CF, the effect of the feedback pole is completely removed.
CF
RF
-
RS CS CIN OUTPUT
+
1124/25 F02
Figure 2. High Speed Operation
Unity Gain Buffer Applications When R F 100 and the input is driven with a fast, large signal pulse (>1V), the output waveform will look as shown in Figure 3.
RF
- +
OUTPUT 4.5V/s
1124/25 F03
Figure 3. Unity-Gain Buffer Applications
U
During the fast feedthrough-like portion of the output, the input protection diodes effectively short the output to the input and a current, limited only by the output short circuit protection, will be drawn by the signal generator. With RF 500, the output is capable of handling the current requirements (IL 20mA at 10V) and the amplifier stays in its active mode and a smooth transition will occur. Noise Testing Each individual amplifier is tested to 4.2nV/Hz voltage noise; i.e., for the LT1124 two tests, for the LT1125 four tests are performed. Noise testing for competing multiple op amps, if done at all, may be sample tested or tested using the circuit shown in Figure 4. en OUT = (enA)2 + (enB)2 + (enC)2 + (enD)2 If the LT1125 were tested this way, the noise limit would be 4 * (4.2nV/Hz)2 = 8.4nV/Hz. But is this an effective screen? What if three of the four amplifiers are at a typical 2.7nV/Hz, and the fourth one was contaminated and has 6.9nV/Hz noise? RMS Sum = (2.7)2 + (2.7)2 + (2.7)2 + (6.9)2 = 8.33nV/Hz This passes an 8.4nV/Hz spec, yet one of the amplifiers is 64% over the LT1125 spec limit. Clearly, for proper noise measurement, the op amps have to be tested individually.
- +
A
W
U
UO
- +
B
- +
C
- +
D OUT
1124/25 F04
Figure 4. Competing Quad Op Amp Noise Test Method
9
LT1124/LT1125
PERFOR A CE CO PARISO
Table 2 summarizes the performance of the LT1124/ LT1125 compared to the low cost grades of alternate approaches. The comparison shows how the specs of the LT1124/ LT1125 not only stand up to the industry standard OP-27,
Table 2. Guaranteed Performance, VS = 15V, TA = 25C, Low Cost Devices
PARAMETER/UNITS Voltage Noise, 1kHz Slew Rate Gain Bandwidth Product Offset Voltage Offset Current Bias Current Supply Current/Amp Voltage Gain, RL = 2k Common Mode Rejection Ratio Power Supply Rejection Ratio SO-8 Package LT1124 LT1125 LT1124 LT1125 LT1124CN8 LT1125CN 4.2 100% Tested 2.7 100% Tested 8.0 100% Tested 100 140 20 30 30 2.75 1.5 106 110 Yes - LT1124 OP-27 GP 4.5 Sample Tested 1.7 Not Tested 5.0 Not Tested 100 - 75 - 80 5.67 0.7 100 94 Yes OP-270 GP - No Limit 1.7 - No Limit 250 - 20 - 60 3.25 0.35 90 104 No OP-470 GP 5.0 Sample Tested 1.4 - No Limit - 1000 - 30 60 2.75 0.4 100 105 - UNITS nV/Hz V/s MHz V V nA nA nA mA V/V dB dB
TYPICAL APPLICATI
S
Gain Error vs Frequency Closed-Loop Gain = 1000
1.0 TYPICAL PRECISION OP AMP 0.1
Gain 1000 Amplifier with 0.01% Accuracy, DC to 1Hz
340k 1% 15k 5% 15V 2 20k TRIM
365 1%
- +
6 (S0-8) 8 (N8) 7 (SO-8) 1 (N8) OUTPUT
1/2 LT1124 3 4 -15V
GAIN ERROR (PERCENT)
RN60C FILM RESISTORS INPUT
THE HIGH GAIN AND WIDE BANDWIDTH OF THE LT1124/LT1125, IS USEFUL IN LOW FREQUENCY HIGH CLOSED-LOOP GAIN AMPLIFIER APPLICATIONS. A TYPICAL PRECISION OP AMP MAY HAVE AN OPEN-LOOP GAIN OF ONE MILLION WITH 500kHz BANDWIDTH. AS THE GAIN ERROR PLOT SHOWS, THIS DEVICE IS CAPABLE OF 0.1% AMPLIFYING ACCURACY UP TO 0.3Hz ONLY. EVEN INSTRUMENTATION RANGE SIGNALS CAN VARY AT A FASTER RATE. THE LT1124/LT1125 "GAIN PRECISION -- BANDWIDTH PRODUCT" IS 75 TIMES HIGHER, AS SHOWN.
1124/25 TA03
10
U
but in most cases are superior. Normally dual and quad performance is degraded when compared to singles, for the LT1124/LT1125 this is not the case.
LT1124/LT1125 0.01 GAIN ERROR = 0.001 0.1 CLOSED-LOOP GAIN OPEN-LOOP GAIN 100
1124/25 TA04
UO
W
UW
1 10 FREQUENCY (Hz)
LT1124/LT1125
SCHE ATIC DIAGRA
Q7 200pF
21k Q9 Q10 Q13 Q8
NONINVERTING INPUT (+)
V- Q1A Q1B Q2B 67pF V+ V+ Q23 Q24 200A 200A 100A 200 6k 200 6k 50 20pF Q2A 400 Q30
INVERTING INPUT (-)
Q3
W
W
(1/2 LT1124, 1/4 LT1125)
V+
360A
570A
100A Q28
21k
3.6k
3.6k Q18
35pF Q25
Q27 20 Q26 OUTPUT
Q17 Q19 Q20 900
20
Q29 Q22 Q11 Q12 Q15 Q16
V-
1124/25 SS
11
LT1124/LT1125
PACKAGE DESCRIPTIO U
Dimensions in inches (millimeters) unless otherwise noted. J8 Package 8-Lead CERDIP (Narrow 0.300, Hermetic)
(LTC DWG # 05-08-1110)
CORNER LEADS OPTION (4 PLCS)
0.005 (0.127) MIN
0.405 (10.287) MAX 8 7 6 5
0.023 - 0.045 (0.584 - 1.143) HALF LEAD OPTION 0.045 - 0.068 (1.143 - 1.727) FULL LEAD OPTION 0.300 BSC (0.762 BSC)
0.025 (0.635) RAD TYP 1 2 3
0.220 - 0.310 (5.588 - 7.874)
4
0.200 (5.080) MAX 0.015 - 0.060 (0.381 - 1.524)
0.008 - 0.018 (0.203 - 0.457)
0 - 15
NOTE: LEAD DIMENSIONS APPLY TO SOLDER DIP/PLATE OR TIN PLATE LEADS
0.045 - 0.068 (1.143 - 1.727) 0.014 - 0.026 (0.360 - 0.660)
0.125 3.175 0.100 0.010 MIN (2.540 0.254) J8 1197
N8 Package 8-Lead PDIP (Narrow 0.300)
(LTC DWG # 05-08-1510)
0.400* (10.160) MAX 8 7 6 5
0.255 0.015* (6.477 0.381)
1 0.300 - 0.325 (7.620 - 8.255)
2
3
4 0.130 0.005 (3.302 0.127)
0.045 - 0.065 (1.143 - 1.651)
0.009 - 0.015 (0.229 - 0.381)
0.065 (1.651) TYP 0.125 (3.175) 0.020 MIN (0.508) MIN 0.018 0.003 (0.457 0.076) N8 1197
(
+0.035 0.325 -0.015 8.255 +0.889 -0.381
)
0.100 0.010 (2.540 0.254)
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.010 INCH (0.254mm)
12
LT1124/LT1125
PACKAGE DESCRIPTIO U
Dimensions in inches (millimeters) unless otherwise noted.
S8 Package 8-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
0.189 - 0.197* (4.801 - 5.004) 8 7 6 5
0.228 - 0.244 (5.791 - 6.197)
0.150 - 0.157** (3.810 - 3.988)
1 0.010 - 0.020 x 45 (0.254 - 0.508) 0.008 - 0.010 (0.203 - 0.254) 0- 8 TYP 0.053 - 0.069 (1.346 - 1.752)
2
3
4
0.004 - 0.010 (0.101 - 0.254)
0.016 - 0.050 0.406 - 1.270
0.014 - 0.019 (0.355 - 0.483)
0.050 (1.270) TYP
*DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE **DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
SO8 0996
13
LT1124/LT1125
PACKAGE DESCRIPTIO U
Dimensions in inches (millimeters) unless otherwise noted. J Package 14-Lead CERDIP (Narrow 0.300, Hermetic)
(LTC DWG # 05-08-1110)
0.785 (19.939) MAX 14 13 12 11 10 9 8
0.005 (0.127) MIN
0.025 (0.635) RAD TYP
0.220 - 0.310 (5.588 - 7.874)
1 0.300 BSC (0.762 BSC)
2
3
4
5
6
7
0.200 (5.080) MAX 0.015 - 0.060 (0.381 - 1.524)
0.008 - 0.018 (0.203 - 0.457)
0 - 15
0.045 - 0.068 (1.143 - 1.727) NOTE: LEAD DIMENSIONS APPLY TO SOLDER DIP/PLATE OR TIN PLATE LEADS 0.014 - 0.026 (0.360 - 0.660)
0.100 0.010 (2.540 0.254)
0.125 (3.175) MIN
J14 1197
N Package 14-Lead PDIP (Narrow 0.300)
(LTC DWG # 05-08-1510)
0.770* (19.558) MAX 14 13 12 11 10 9 8
0.255 0.015* (6.477 0.381)
1 0.300 - 0.325 (7.620 - 8.255) 0.130 0.005 (3.302 0.127) 0.020 (0.508) MIN 0.009 - 0.015 (0.229 - 0.381)
2
3
4
5
6
7
0.045 - 0.065 (1.143 - 1.651)
0.065 (1.651) TYP 0.125 (3.175) MIN 0.018 0.003 (0.457 0.076)
N14 1197
0.005 (0.125) MIN 0.100 0.010 (2.540 0.254) *THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.010 INCH (0.254mm)
(
+0.035 0.325 -0.015 8.255 +0.889 -0.381
)
14
LT1124/LT1125
PACKAGE DESCRIPTIO U
Dimensions in inches (millimeters) unless otherwise noted.
SW Package 16-Lead Plastic Small Outline (Wide 0.300)
(LTC DWG # 05-08-1620)
0.398 - 0.413* (10.109 - 10.490) 16 15 14 13 12 11 10 9
NOTE 1
0.394 - 0.419 (10.007 - 10.643)
0.291 - 0.299** (7.391 - 7.595) 0.010 - 0.029 x 45 (0.254 - 0.737) 0 - 8 TYP
1
2
3
4
5
6
7
8
0.093 - 0.104 (2.362 - 2.642)
0.037 - 0.045 (0.940 - 1.143)
0.009 - 0.013 (0.229 - 0.330)
NOTE 1 0.016 - 0.050 (0.406 - 1.270)
0.050 (1.270) TYP
0.004 - 0.012 (0.102 - 0.305)
NOTE: 1. PIN 1 IDENT, NOTCH ON TOP AND CAVITIES ON THE BOTTOM OF PACKAGES ARE THE MANUFACTURING OPTIONS. THE PART MAY BE SUPPLIED WITH OR WITHOUT ANY OF THE OPTIONS *DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE **DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
0.014 - 0.019 (0.356 - 0.482) TYP
S16 (WIDE) 0396
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
15
LT1124/LT1125
TYPICAL APPLICATION
Strain Gauge Signal Conditioner with Bridge Excitation
15V 5k 3 2.5V LT1009 2 1k
+
1/4 LT1125 1
-
-15V
350 BRIDGE 5 301k* 15V 13 10k ZERO TRIM 14 1k *RN60C FILM RESISTORS -15V
-
1/4 LT1125
12
+
RELATED PARTS
PART NUMBER LT1007 LT1028/LT1128 LT1112/LT1114 LT1113 LT1126/LT1127 LT1169 LT1792 LT1793 DESCRIPTION Single Low Noise, Precision Op Amp Single Low Noise, Precision Op Amps Dual/Quad Precision Picoamp Input Dual Low Noise JFET Op Amp Decompensated LT1124/LT1125 Dual Low Noise JFET Op Amp Single LT1113 Single LT1169 COMMENTS 2.5nV/Hz 1kHz Voltage Noise 0.85nV/Hz Voltage Noise 250pA Max IB 4.5nV/Hz Voltage Noise, 10fA/Hz Current Noise 11V/s Slew Rate 6nV/Hz Voltage Noise, 1fA/Hz Current Noise, 10pA Max IB 4.2nV/Hz Voltage Noise, 10fA/Hz Current Noise 6nV/Hz Voltage Noise, 1fA/Hz Current Noise, 10pA Max IB
16
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX: (408) 434-0507 q www.linear-tech.com
U
THE LT1124/LT1125 IS CAPABLE OF PROVIDING EXCITATION CURRENT DIRECTLY TO BIAS THE 350 BRIDGE AT 5V WITH ONLY 5V ACROSS THE BRIDGE (AS OPPOSED TO THE USUAL 10V) TOTAL POWER DISSIPATION AND BRIDGE WARM-UP DRIFT IS REDUCED. THE BRIDGE OUTPUT SIGNAL IS HALVED, BUT THE LT1124/LT1125 CAN AMPLIFY THE REDUCED SIGNAL ACCURATELY.
REFERENCE OUTPUT 15V
+ -
4 1/4 LT1125 13 -15V 50k GAIN TRIM 7 0V TO 10V OUTPUT 1F 301k*
6
499*
1124/25 TA05
11245fas, sn11245 LT/TP 0699 REV A 2K * PRINTED IN USA
(c) LINEAR TECHNOLOGY CORPORATION 1992


▲Up To Search▲   

 
Price & Availability of LT1124A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X